Part Number Hot Search : 
P1200 RBV604G EWS1212 62CTQ030 9435G BL24C256 99800 P1200
Product Description
Full Text Search
 

To Download LMUN2211LT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pin 1 base (input) pin 3 collector (output) pin 2 emitter (ground) r 1 r 2 sot?23 (to?236ab) 

 
npn silicon surface mount transistor with monolithic bias resistor network this new series of digital transistors is designed to replace a single device and its external resistor bias network. the brt (bias resistor transistor) contains a single transistor with a monolithic bias network resistor. the brt eliminates these individual components by integrating them into a single device. the use of a brt can reduce both system cost and board space. the device is housed in the sot-23 package which is designed for low power surface mount applications. ? simplifies circuit design ? reduces board space and component count ? the sot-23 package can be soldered using wave or reflow. the modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die. ? available in 8 mm embossed tape and reel. use the device number to order the 7 inch/3000 unit reel. replace ?t1? with ?t3? in the device number to order the13 inch/10,000 unit reel. maximum ratings (t a = 25 c unless otherwise noted) rating symbol value unit collector-base voltage v cbo 50 vdc collector-emitter voltage v ceo 50 vdc collector current i c 100 madc total power dissipation @ t a = 25 c (note 1.) derate above 25 c p d * 246 1.5 mw c/w device marking and resistor values device marking r1(k) r2(k) lmun2211lt1g a8a 10 10 lmun2212lt1g a8b 22 22 lmun2213lt1g a8c 47 47 lmun2214lt1g a8d 10 47 lmun2215lt1g a8e 10 lmun2216lt1g a8f 4.7 lmun2230lt1g a8g 1.0 1.0 lmun2231lt1g a8h 2.2 2.2 a8j 4.7 4.7 lmun2233lt1g a8k 4.7 47 lmun2234lt1g a8l 22 47 lmun2235lt1g a8m 2.2 47 lmun2236lt1g a8n 100 lmun2237lt1g a8p 47 1. device mounted on a fr-4 glass epoxy printed circuit board using the minimum recommended footprint. lmun2232lt1g leshan radio company, ltd. device package shipping lmun2211lt1g sot23 3000/tape&reel 10000/tape&reel lmun2211lt3g sot23 we declare that the material of product compliance with rohs requirements. lmun2240lt1g a8t 47 lmun2241lt1g a8u 100 lmun2238lt1g a8r 2.2 22 100 rev.a 1/7 1 3 2 lmun2211lt1g series s-lmun2211lt1g series ordering information s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. ?
thermal characteristics rating symbol value unit thermal resistance ? junction-to-ambient (note 1.) r ja 508 c/w operating and storage temperature range t j ,t stg ?55 to +150 c maximum temperature for soldering purposes, time in solder bath t l 260 10 c sec electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics collector-base cutoff current (v cb = 50 v, i e = 0) i cbo ? ? 100 nadc collector-emitter cutoff current (v ce = 50 v, i b = 0) i ceo ? ? 500 nadc emitter-base cutoff current lmun2211lt1g (v eb = 6.0 v, i c = 0) lmun2212lt1g lmun2213lt1g lmun2214lt1g lmun2215lt1g lmun2216lt1g lmun2230lt1g lmun2231lt1g lmun2232lt1g lmun2233lt1g lmun2234lt1g lmun2235lt1g lmun2238lt1g lmun2241lt1g i ebo ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 0.5 0.2 0.1 0.2 0.9 1.9 4.3 2.3 1.5 0.18 0.13 0.2 4.0 0.1 madc collector-base breakdown voltage (i c = 10 a, i e = 0) v (br)cbo 50 ? ? vdc collector-emitter breakdown voltage (note 2.), (i c = 2.0 ma, i b = 0) v (br)ceo 50 ? ? vdc on characteristics (note 2.) dc current gain lmun2211lt1g (v ce = 10 v, i c = 5.0 ma) lmun2212lt1g lmun2213lt1g lmun2214lt1g lmun2215lt1g lmun2216lt1g lmun2230lt1g lmun2231lt1g lmun2232lt1g lmun2233lt1g lmun2234lt1g lmun2235lt1g lmun2238lt1g lmun2240lt1g h fe 35 60 80 80 160 160 3.0 8.0 15 80 80 80 160 160 60 100 140 140 350 350 5.0 15 30 200 150 140 350 350 ? ? ? ? ? ? ? ? ? ? ? ? ? ? collector-emitter saturation voltage (i c = 10 ma, i b = 0.3 ma) (i c = 10 ma, i b = 5 ma) lmun2230lt1g/lmun2231lt1g (i c = 10 ma, i b = 1 ma) lmun2215lt1g/lmun2216lt1g lmun2232lt1g/lmun2233lt1g/lmun2234lt1g/ lmun2235lt1g/lmun2238lt1g/lmun2240lt1g v ce(sat) ? ? 0.25 vdc 2. pulse test: pulse width < 300 s, duty cycle < 2.0%. leshan radio company, ltd. lmun2236lt1g ? ? 0.05 lmun2237lt1g ? ? 0.13 lmun2240lt1g ? ? 0.2 lmun2236lt1g 80 150 ? lmun2237lt1g 80 140 ? lmun2241lt1g 160 350 ? lmun2237lt1g rev.a 2/7 lmun2211lt1g series,s-lmun2211lt1g series
electrical characteristics (t a = 25 c unless otherwise noted) (continued) characteristic symbol min typ max unit on characteristics (note 3.) output voltage (on) (v cc = 5.0 v, v b = 2.5 v, r l = 1.0 k ? ) lmun2211lt1g lmun2212lt1g lmun2214lt1g lmun2215lt1g lmun2216lt1g lmun2230lt1g lmun2231lt1g lmun2232lt1g lmun2233lt1g lmun2234lt1g lmun2235lt1g lmun2238lt1g (v cc = 5.0 v, v b = 3.5 v, r l = 1.0 k ? ) lmun2213lt1g (v cc = 5.0 v, v b = 5.0 v, r l = 1.0 k ? ) lmun2241lt1g v ol ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 vdc output voltage (off) (v cc = 5.0 v, v b = 0.5 v, r l = 1.0 k ? ) (v cc = 5.0 v, v b = 0.050 v, r l = 1.0 k ? ) lmun2230lt1g (v cc = 5.0 v, v b = 0.25 v, r l = 1.0 k ? ) lmun2215lt1g lmun2216lt1g lmun2233lt1g lmun2238lt1g v oh 4.9 ? ? vdc input resistor lmun2211lt1g lmun2212lt1g lmun2213lt1g lmun2214lt1g lmun2215lt1g lmun2216lt1g lmun2230lt1g lmun2231lt1g lmun2232lt1g lmun2233lt1g lmun2234lt1g lmun2235lt1g lmun2238lt1g lmun2241lt1g r 1 7.0 15.4 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 1.54 1.54 70 10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 2.2 2.2 100 13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 2.86 2.88 130 k ? resistor ratio lmun2211lt1/lmun2212lt1/lmun2213lt1g lmun2214lt1g lmun2215lt1/lmun2216lt1/lmun2238lt1g lmun2241lt1g/lmun2240lt1g lmun2230lt1/lmun2231lt1/lmun2232lt1g lmun2233lt1g lmun2234lt1g lmun2235lt1g r 1 /r 2 0.8 0.17 ? ? 0.8 0.055 0.38 0.038 1.0 0.21 ? ? 1.0 0.1 0.47 0.047 1.2 0.25 ? ? 1.2 0.185 0.56 0.056 3. pulse test: pulse width < 300 s, duty cycle < 2.0%. leshan radio company, ltd. (v cc = 5.0 v, v b = 5.5 v, r l = 1.0 k ? ) lmun2236lt1g ? ? 0.2 (v cc = 5.0 v, v b = 4.0 v, r l = 1.0 k ? ) lmun2237lt1g ? ? 0.2 lmun2240lt1g ? ? 0.2 lmun2236lt1g lmun2237lt1g lmun2240lt1g lmun2236lt1g 70 100 130 lmun2237lt1g 32.9 47 61.1 lmun2240lt1g 32.9 47 61.1 lmun2236lt1g 0.8 1.0 1.2 lmun2237lt1g 1.7 2.15 2.6 rev.a 3/7 lmun2211lt1g series,s-lmun2211lt1g series
0.01 0.1 1 0 20406080 10 100 1000 0 20 40 60 80 100 120 0 0.5 1 1.5 2 2.5 3 3.5 0 102030405060 f = 1 mhz ie = 0a 1 10 100 0 102030405060 typical electrical characteristics lmun2212lt1g leshan radio company, ltd. rev.a 4/7 fig. 3 output capacitance cob, capacitance (pf) vr, reverse bias voltage (v) vce(sat), maximum collector voltage (v) ic, collector current (ma) hfe, dc current gain (normalized) ic, collector current (ma) fig. 2 dc current gain fig. 1 vce(sat) vs ic fig. 4 input voltage vs output current ic, collector current (ma) vin, input voltage (v) lmun2211lt1g series,s-lmun2211lt1g series ic/ib=10 -55 25 75 100 125 vce=10v -55 25 75 100 125 vo=0.2v -55 -25 25 75 125
ic, collector current (ma) vin, input voltage (v) fig. 5 output current vs input voltage typical electrical characteristics lmun2212lt1g leshan radio company, ltd. rev.a 5/7 lmun2211lt1g series,s-lmun2211lt1g series 0.001 0.01 0.1 1 10 100 012345678 -55 -25 25 75 125 vo=5v
typical applications for npn brts  
          
  leshan radio company, ltd. rev.a 6/7 fig. 6 level shifter:connects 12 to 24 volt circuits to logic fig. 7 open collector inverter: inverts the input signal fig. 8 inexpensive,unregulated current source lmun2211lt1g series,s-lmun2211lt1g series
d j k l a c b s h g v 12 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 0.031 0.8 sot-23 3 leshan radio company, ltd. rev.a 7/7 lmun2211lt1g series,s-lmun2211lt1g series


▲Up To Search▲   

 
Price & Availability of LMUN2211LT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X